データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPC1663 データシート(PDF) 9 Page - NEC

部品番号 UPC1663
部品情報  DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPC1663 データシート(HTML) 9 Page - NEC

Back Button UPC1663 Datasheet HTML 5Page - NEC UPC1663 Datasheet HTML 6Page - NEC UPC1663 Datasheet HTML 7Page - NEC UPC1663 Datasheet HTML 8Page - NEC UPC1663 Datasheet HTML 9Page - NEC UPC1663 Datasheet HTML 10Page - NEC UPC1663 Datasheet HTML 11Page - NEC UPC1663 Datasheet HTML 12Page - NEC UPC1663 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet G11024EJ6V0DS00
9
µµµµPC1663
EXAMPLE 2
VCC single supply application example (Outline)
RL
RL
R2
PC1663
µ
R2
R1 = R2
R1
R1
C
VCC
EXAMPLE 3
Photo signal detector circuit example (Outline)
V+
VCC+
L
C
RS
µ
(Refer to data sheet
of each part number)
RS
VCC–
RL
RL
PC1663
OUT1
OUT2
PIN Photo Diode
NDL2102
NDL2104
NDL2208
NDL5200
Caution
When signal source impedance for
µµµµPC1663 is critical, FET source follower buffer should be
inserted between PIN Photo diode and
µµµµPC1663 input.
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.
Precautions for design in and detail application circuit examples should be referred to application note ‘Usage of
µPC1663 (Document No. G12290E)’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16