データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9398 データシート(PDF) 3 Page - Analog Devices

部品番号 AD9398
部品情報  HDMI Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9398 データシート(HTML) 3 Page - Analog Devices

  AD9398_15 Datasheet HTML 1Page - Analog Devices AD9398_15 Datasheet HTML 2Page - Analog Devices AD9398_15 Datasheet HTML 3Page - Analog Devices AD9398_15 Datasheet HTML 4Page - Analog Devices AD9398_15 Datasheet HTML 5Page - Analog Devices AD9398_15 Datasheet HTML 6Page - Analog Devices AD9398_15 Datasheet HTML 7Page - Analog Devices AD9398_15 Datasheet HTML 8Page - Analog Devices AD9398_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
AD9398
Rev. 0 | Page 3 of 44
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VDD, VD = 3.3 V, DVDD = PVDD = 1.8 V, ADC clock = maximum.
Table 1.
AD9398KSTZ-100
AD9398KSTZ-150
Parameter
Temp
Test Level
Min
Typ
Max
Min
Typ
Max
Unit
DIGITAL INPUTS (5 V TOLERANT)
Input Voltage, High (VIH)
Full
VI
2.6
2.6
V
Input Voltage, Low (VIL)
Full
VI
0.8
0.8
V
Input Current, High (IIH)
Full
V
−82
−82
μA
Input Current, Low (IIL)
Full
V
82
82
μA
Input Capacitance
25°C
V
3
3
pF
DIGITAL OUTPUTS
Output Voltage, High (VOH)
Full
VI
VDD − 0.1
VDD − 0.1
V
Output Voltage, Low (VOL)
Full
VI
0.4
0.4
V
Duty Cycle, DATACK
Full
V
45
50
55
45
50
55
%
Output Coding
Binary
Binary
THERMAL CHARACTERISTICS
θJA Junction-to-Ambient
V
35
35
°C/W
DIGITAL INTERFACE ELECTRICAL CHARACTERISTICS
VDD = VD =3.3 V, DVDD = PVDD = 1.8 V, ADC clock = maximum.
Table 2.
AD9398KSTZ-100
AD9398KSTZ-150
Parameter
Test Level
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
8
8
Bit
DC DIGITAL I/O SPECIFICATIONS
High-Level Input Voltage (VIH)
VI
2.5
2.5
V
Low-Level Input Voltage (VIL)
VI
0.8
0.8
V
High-Level Output Voltage (VOH)
VI
VDD − 0.1
V
Low-Level Output Voltage (VOL)
VI
VDD − 0.1
0.1
0.1
V
DC SPECIFICATIONS
Output High Level
IV
Output drive = high
36
36
mA
(IOHD) (VOUT = VOH)
IV
Output drive = low
24
24
mA
Output Low Level
IV
Output drive = high
12
12
mA
IOLD, (VOUT = VOL)
IV
Output drive = low
8
8
mA
DATACK High Level
IV
Output drive = high
40
40
mA
VOHC, (VOUT = VOH)
IV
Output drive = low
20
20
mA
DATACK Low Level
IV
Output drive = high
30
30
mA
VOLC, (VOUT = VOL)
IV
Output drive = low
15
15
mA
Differential Input Voltage, Single-
Ended Amplitude
IV
75
700
75
700
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com