| データシートサーチシステム |
|
UPC1853 データシート(PDF) 39 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPC1853 データシート(HTML) 39 Page - NEC |
|
39 / 76 page ![]() (1) µPC1853CT-01 Volume control, tone control block (3/3) Parameter Symbol Test conditions Switch modeNote Subaddress data MIN. TYP. MAX. Unit S1 S2 S3 00 01 02 03 04 05 06 07 08 Muting attenuation 1 Mute 1 Lin = 0.5 Vrms, a b – 82 7F 60 60 60 7F 7F 7F 48 –80.0 – – dB Rin = GND, L1 OUT Muting attenuation 2 Mute 2 Lin = GND, b a – –80.0 – – dB Rin = 0.5 Vrms, R1 OUT Muting attenuation 3 Mute 3 Lin = 0.5 Vrms, a b – 84 –80.0 – – dB Rin = GND, L2 OUT Muting attenuation 4 Mute 4 Lin = GND, b a – –80.0 – – dB Rin = 0.5 Vrms, R2 OUT Muting attenuation 5 Mute 5 Lin = 0.5 Vrms, a a – 88 –80.0 – – dB Rin = 0.5 Vrms, L+R OUT Muting attenuation 6 Mute 6 Lin = 0.5 Vrms, a b – 90 –70.0 – – dB (Rear) Rin = GND, Rear OUT DC offset at muting mode VOS1 No signal b b – 80 7F 60 60 60 7F 7F 7F 48 –50 0 +50 mV (L1 OUT, R1 OUT) 82 DC offset at muting mode VOS2 80 –50 0 +50 mV (L2 OUT, R2 OUT) 84 DC offset at muting mode VOS3 80 –50 0 +50 mV (L+R OUT) 88 DC offset at muting mode VOS4 80 –50 0 +50 mV (Rear OUT) 90 –: Don’t care. Note See 7. MEASURING CIRCUIT. ↓ ↓ ↓ ↓ |