データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPC1857ACT データシート(PDF) 40 Page - NEC

部品番号 UPC1857ACT
部品情報  SOUND CONTROL IC WITH SURROUND AND I2C BUS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPC1857ACT データシート(HTML) 40 Page - NEC

Back Button UPC1857ACT Datasheet HTML 36Page - NEC UPC1857ACT Datasheet HTML 37Page - NEC UPC1857ACT Datasheet HTML 38Page - NEC UPC1857ACT Datasheet HTML 39Page - NEC UPC1857ACT Datasheet HTML 40Page - NEC UPC1857ACT Datasheet HTML 41Page - NEC UPC1857ACT Datasheet HTML 42Page - NEC UPC1857ACT Datasheet HTML 43Page - NEC UPC1857ACT Datasheet HTML 44Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
40
µµµµPC1857A
8. RECOMMENDED SOLDERING CONDITIONS
It is recommended to solder this product under the conditions described below.
For details of the recommended soldering conditions, refer to the Semiconductor Device Mounting Technology
Manual (C10535E).
For soldering methods and conditions other than those recommended, consult NEC.
Soldering condition of through-hole type
µµµµPC1857ACT: 30-pin plastic shrink DIP (400 mil)
Soldering Method
Soldering Condition
Wave soldering (only pins)
Soldering bath temperature: 260
°C MAX., Time: 10 seconds
Partial heating
Pin temperature: 300
°C MAX., Time: 3 seconds MAX. (per pin)
Caution Apply wave soldering only to the pins, and exercise care that solder does not directly contact the
package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44