データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPC1876 データシート(PDF) 17 Page - NEC

部品番号 UPC1876
部品情報  US MTS DECODER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPC1876 データシート(HTML) 17 Page - NEC

Back Button UPC1876 Datasheet HTML 13Page - NEC UPC1876 Datasheet HTML 14Page - NEC UPC1876 Datasheet HTML 15Page - NEC UPC1876 Datasheet HTML 16Page - NEC UPC1876 Datasheet HTML 17Page - NEC UPC1876 Datasheet HTML 18Page - NEC UPC1876 Datasheet HTML 19Page - NEC UPC1876 Datasheet HTML 20Page - NEC UPC1876 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
µPC1876
17
Data Sheet S11666EJ4V0DS00
(8) Spectral RMS
Detects the RMS value of the signal which has passed through the spectral RMS filter and converts the signal
to the DC voltage. The timing (release time) is determined by the current inside the
µPC1876 (IT) and the
capacitance of the external capacitor connected to the STI pin. Set IT by the current value output from ITI pin.
(9) Wide band RMS
Detects the RMS value of the signal which has passed through the wide band RMS filter and converts the signal
to the DC voltage. The timing (release time) is determined by the current inside the
µPC1876 (IT) and the
capacitance of the external capacitor connected to the WTI pin. Set IT by the current value output from ITI pin
for the setting of IT.
2.4
Matrix Block
(1) Matrix
Adds L+R signal and L–R signal to output L signal and subtracts L+R signal from L–R signal to output R signal.
(2) Mode selector
Selects the user selected mode among the monaural, stereo, SAP signals, and mute, and outputs it from the ROT
and LOT pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40