データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UPC2539GS データシート(PDF) 3 Page - NEC

部品番号 UPC2539GS
部品情報  RDS DATA DEMODULATOR IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEC [NEC]
ホームページ  http://www.nec.com/
Logo NEC - NEC

UPC2539GS データシート(HTML) 3 Page - NEC

  UPC2539GS Datasheet HTML 1Page - NEC UPC2539GS Datasheet HTML 2Page - NEC UPC2539GS Datasheet HTML 3Page - NEC UPC2539GS Datasheet HTML 4Page - NEC UPC2539GS Datasheet HTML 5Page - NEC UPC2539GS Datasheet HTML 6Page - NEC UPC2539GS Datasheet HTML 7Page - NEC UPC2539GS Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
µPC2539
3
PIN FUNCTIONS
Pin no.
Pin name
Function
1VDD
Power Supply for Digital Circuit
2
TEST1
Pin for Test : Normally connect to GND.
3
TEST2
Pin for Test : Normally be open.
4
CLK OUT
Bit-Rate-Clock Output Pin
5
DATA OUT
RDS Data Output Pin
6
RDS IND
RDS Idenrification Indicator : When RDS signal is detected, the output voltage becomes
to Low level.
7
SK IND
SK Identification Indicator : When SK signal is detected, the output voltage becomes to
Low level.
8
TEST3
Pin for Test : Normally connect to GND.
9
TEST4
Pin for Test : Normally connect to GND.
10
DGND
GND for Digital Circuit
11
OSC IN
Oscillator Input Pin
12
OSC OUT
Oscillator Output Pin
13
TEST5
Pin for Test : Normally be open.
14
TEST6
Pin for Test : Normally connect to GND.
15
OP.CTL
Operation/Stop control Pin : High:Operation mode, Low:Stop mode
16
AGND
GND for Analog Circuit
17
DSB IN
DSB Demodulator Input Pin
18
BPF OUT
Band-Pass-Filter Output Pin
19
REF
Reference Voltage for BPF
20
BPF IN
Band-Pass-Filter Input Pin
21
TEST7
Pin for Test : Normally connect to GND.
22
TEST8
Pin for Test : Normally connect to GND.
23
TEST9
Pin for Test : Normally connect to GND.
24
VCC
Power Supply for Analog Circuit



Html Pages

1 2 3 4 5 6 7 8