データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PLRO1206 データシート(PDF) 2 Page - Protek Devices

部品番号 PLRO1206
部品情報  POLYMER PTC DEVICE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PROTEC [Protek Devices]
ホームページ  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLRO1206 データシート(HTML) 2 Page - Protek Devices

  PLRO1206_15 Datasheet HTML 1Page - Protek Devices PLRO1206_15 Datasheet HTML 2Page - Protek Devices PLRO1206_15 Datasheet HTML 3Page - Protek Devices PLRO1206_15 Datasheet HTML 4Page - Protek Devices PLRO1206_15 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05433.R0 7/13
Page 2
PLRO1206 Series
tyPicaL device chaRacteRiSticS
theRmaL deRatinG chaRt - ih(a)
PaRt numBeR
-40°c
-20°c
0°c
25°c
40°c
50°c
60°c
70°c
PLRO1206-300
4.8
4.2
3.6
3.0
2.5
2.2
2.0
1.6
PLRO1206-380
5.4
4.8
4.0
3.8
3.0
2.5
2.2
1.7
eLectRicaL SPeciFicatiOnS @ 25°c
PaRt
numBeR
maRkinG
cOde
hOLdinG
cuRRent
i
h
amPS
tRiP
cuRRent
i
t
amPS
OPeRatinG
vOLtaGe
v
dc
vOLtS
inteRRuPt
cuRRent
i
maX
amPS
maXium
time-tO-tRiP
@5 i
ha
t
tRiP
Seconds
maXimum
tRiPPed
State POWeR
diSSiPatiOn
@6v
P
d
WattS
ReFeRence
ReSiStance
(note 1)
R
OhmS
maXimum
tWO hOuRS
POSt ReFLOW
ReSiStance
R
OhmS
min
tyP
PLRO1206-300
?
3.0
6.0
6
50
4.0
1.0
0.003
0.008
0.020
PLRO1206-380
L
3.0
8.0
6
50
4.0
1.0
0.002
0.006
0.018
nOteS
1. The maximum resistance of two hours post reflow is a reference value. The value may change a little according to reflow conditions and soldering state.



Html Pages

1 2 3 4 5