| データシートサーチシステム |
|
UPC2933T データシート(PDF) 18 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPC2933T データシート(HTML) 18 Page - NEC |
|
18 / 20 page ![]() µPC2900 Series 18 CAUTION ON USE When using the µPC2900 series at the input voltage which is lower than in the recommended operating condition, the big quiescent current flows through devices because the transistor of the output paragraph is saturated (Refer to IBIAS (IBIAS (s)) vs VIN curves in TYPICAL CHARACTERISTICS). The µPC2900 series have saturation protection circuits, but they sometimes need about 80 mA current. Therefore the power supply on the input needs the enough current capacity to pass this quiescent current when the devices startup. REFERENCE DOCUMENTS QUALITY GRADE ON NEC SEMICONDUCTOR DEVICES C11531E SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL C10535E IC PACKAGE MANUAL C10943X GUIDE TO QUALITY ASSUARANCE FOR SEMICONDUCTOR DEVICES MEI-1202 SEMICONDUCTORS SELECTION GUIDE X10679E NEC SEMICONDUCTOR DEVICE RELIABILITY/QUALITY CONTROL IEI-1212 SYSTEM-THREE TERMINAL REGULATOR |