| データシートサーチシステム |
|
UPC3207GR データシート(PDF) 19 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPC3207GR データシート(HTML) 19 Page - NEC |
|
19 / 20 page ![]() µPC3207GR 19 Data Sheet P13717EJ3V0DS00 NOTE ON CORRECT USE (1) Observe precautions for handling because of electro-static sensitive devices. (2) Form a ground pattern as widely as possible to minimize ground impedance (to prevent undesires oscillation). (3) Keep the track length of the ground pins as short as possible. (4) A low pass filter must be attached to VCC line. RECOMMENDED SOLDERING CONDITIONS This product should be soldered under the following recommended conditions. For soldering methods and conditions other than those recommended below, contact your NEC sales representative. Soldering Method Soldering Conditions Infrared Reflow Package peak temperature: 235 °C or below Time: 30 seconds or less (at 210 °C) Count: 3, Exposure limit: NoneNote VPS Package peak temperature: 215 °C or below Time: 40 seconds or less (at 200 °C) Count: 3, Exposure limit: NoneNote Partial Heating Pin temperature: 300 °C Time: 3 seconds or less (per side of device) Exposure limit: NoneNote Note After opening the dry pack, keep it in a place below 25 °C and 65 % RH for the allowable storage period. Caution Do not use different soldering methods together (except for partial heating). For details of recommended soldering conditions for surface mounting, refer to information document SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL (C10535E). Recommended Condition Symbol IR35-00-3 VP15-00-3 – |