| データシートサーチシステム |
|
ICM7232BFIPL データシート(PDF) 13 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
ICM7232BFIPL データシート(HTML) 13 Page - Intersil Corporation |
|
13 / 16 page ![]() 9-31 ) Compatible Displays Compatible displays are manufactured by: G.E. Displays Inc., Beechwood, Ohio (216) 831-8100 (#356E3R99HJ) Epson America Inc., Torrance CA (Model Numbers LDB726/7/8). Seiko Instruments USA Inc., Torrance CA (Custom Displays) Crystaloid, Hudson, OH TABLE 2. ADDRESS DECODING (ICM7231 AND ICM7232) CODE INPUT DISPLAY OUTPUT ICM7232 ONLY A3 A2 A1 A0 DIGIT SELECTED 0 000 D1 0 001 D2 0 010 D3 0 011 D4 0 100 D5 0 101 D6 0 110 D7 0 111 D8 1 000 D9 1 0 0 1 D10 1 0 1 0 NONE 1 0 1 1 NONE 1 1 0 0 NONE 1 1 0 1 NONE 1 1 1 0 NONE 1 1 1 1 NONE TABLE 3. ANNUNClATOR DECODING CODE INPUT DISPLAY OUTPUT AN2 AN1 ICM7231A AND ICM7231B ICM7232A AND ICM7232B BOTH ANNUNCIATORS ON BP3 ICM7231C ICM7232C an2 ANNUNCIATOR BP1 an1 ANNUNClATOR BP3 00 01 10 11 a b c d f g e BP1 BP2 BP3 an2 an1 BACKPLANE CONNECTIONS SEGMENT LINES SEGMENT LINE CONNECTIONS FIGURE 13. ICM7231 AND ICM7232 DISPLAY FONTS (“A” AND “B” SUFFIX VERSIONS a b c d f g e SEGMENT LINES BP1 BP2 BP3 an2 an1 (NOTE 1) BACKPLANE CONNECTIONS SEGMENT LINES (NOTE 1) SEGMENT LINE CONNECTIONS NOTE: 1. Annunciators can be: , , , -arrows that point to information printed around the display opening etc., whatever the designer display opening etc., whatever the de- signer chooses to incorporate in the liquid crystal display. FIGURE 14. ICM7231 DISPLAY FONTS (“C” SUFFIX VERSIONS) STOP GO ICM7231, ICM7232 |