| データシートサーチシステム |
|
FSHPLC データシート(PDF) 2 Page - Cynergy3 Co |
|
|
|||||||||||||||||||||||||||||
FSHPLC データシート(HTML) 2 Page - Cynergy3 Co |
|
2 / 2 page ![]() G1” mounting thread G1” - G4” pipe size G1” socket connection “o” ring seal “o” ring seal Adaptor ring Flow Direction Installation information The flow switch is designed to be used in a horizontal pipe with the switch mounted through a side entry. Pipe connection is G1” (1”BSP). The device relies on the flow of liquid working in opposition to the spring loaded paddle. The liquid flow moves the paddle within the pipe, when the flow increases beyond the minimum specified level. A magnet mounted on the head of the paddle closes a magnetic switch in the control circuit. The output switch will open, if the flow drops below the specified level and the paddle has returned to the rest position. The output is a SPNO switch with contacts rated to 1mA/5Vac. FSHPLC www.cynergy3.com © 2012 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited. ISO 9001 CERTIFIED Cynergy3 Components Ltd. 7 Cobham Road Ferndown Industrial Estate Wimborne, Dorset BH21 7PE Telephone +44 (0) 1202 897969 Email:sales@cynergy3.com Flow switch for connection to PLC |