| データシートサーチシステム |
|
UPC4094C データシート(PDF) 2 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPC4094C データシート(HTML) 2 Page - NEC |
|
2 / 12 page ![]() 2 µµµµPC4094 ABSOLUTE MAXIMUM RATINGS (TA = 25 °C) Parameter Symbol Ratings Unit Voltage between V + and V– Note 1 V + – V– –0.3 to +36 V Differential Input Voltage VID ±30 V Input Voltage Note 2 VI V ––0.3 to V + +0.3 V Output Voltage Note 3 VO V ––0.3 to V + +0.3 V C Package Note 4 350 mW Power Dissipation G2 Package Note 5 PT 440 mW Output Short Circuit Duration Note 6 Indefinite sec Operating Ambient Temperature TA –20 to +80 °C Storage Temperature Tstg –55 to +125 °C Notes 1. Reverse connection of supply voltage can cause destruction. 2. The input voltage should be allowed to input without damage or destruction. Even during the transition period of supply voltage, power on/off etc., this specification should be kept. The normal operation will establish when the both inputs are within the Common Mode Input Voltage Range of electrical characteristics. 3. This specification is the voltage which should be allowed to supply to the output terminal from external without damage or destructive. Even during the transition period of supply voltage, power on/off etc., this specification should be kept. The output voltage of normal operation will be the Output Voltage Swing of electrical characteristics. 4. Thermal derating factor is –5.0 mV/°C when operating ambient temperature is higher than 55 °C. 5. Thermal derating factor is –4.4 mV/°C when operating ambient temperature is higher than 25 °C. 6. Pay careful attention to the total power dissipation not to exceed the absolute maximum ratings, Note 4 and Note 5. RECOMMENDED OPERATING CONDITIONS Parameter Symbol MIN. TYP. MAX. Unit Supply Voltage V± ±5 ±16 V Output Current IO ±10 mA Capacitive Load (AV = +1, Rf = 0 Ω)CL 220 pF |