| データシートサーチシステム |
|
UPC4094G2 データシート(PDF) 1 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPC4094G2 データシート(HTML) 1 Page - NEC |
|
1 / 12 page ![]() The information in this document is subject to change without notice. BIPOLAR ANALOG INTEGRATED CIRCUIT µµµµPC4094 J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER Document No. G13907EJ1V0DS00 (1st edition) Date Published December 1998 N CP(K) Printed in Japan DATA SHEET © 1998 Dual operational amplifier µPC4094 is a high-speed version of the µPC4092. NEC's unique high-speed PNP transistor (fT = 300 MHz) in the output stage realizes a high slew rate of 25 V/ µs under voltage-follower conditions without an oscillation problem. Zener-zap resistor trimming in the input stage produces excellent offset voltage and temperature drift characteristics. With AC performance characteristics that are two times better than conventional bi-FET operation amplifiers, the µPC4094 is ideal for fast integrators, active filters, and other high-speed circuit applications. FEATURES • Stable operation with 220 pF capacitive load • Low input offset voltage and offset voltage ±3 mV (MAX.) ±7 µV/°C (TYP.) temperature drift • Very low input bias and offset currents • Low noise : en = 19 nV/ √Hz (TYP.) • Output short circuit protection • High input impedance ... J-FET Input Stage • Internal frequency compensation • High slew rate: 25 V/ µs (TYP.) ORDERING INFORMATION Part Number Package µPC4094C 8-pin plastic DIP (300 mil) µPC4094G2 8-pin plastic SOP (225 mil) EQUIVALENT CIRCUIT (1/2 Circuit) PIN CONFIGURATION (Top View) II IN Q1 Q2 Q4 Q5 Q8 D1 C1 Q10 V + V − OUT Q9 Q7 Q6 Q3 TRIMMED HIGH SPEED PNP PC4094C, 4094G2 1 1 2 3 4 8 7 6 5 V + OUT2 II2 IN2 + − II1 IN1 OUT1 V − 2 − + µ |
同様の部品番号 - UPC4094G2 |
|
同様の説明 - UPC4094G2 |