| データシートサーチシステム |
|
ALN0113 データシート(PDF) 3 Page - Advanced Semiconductor Business Inc. |
|
|
|||||||||||||||||||||||||||||
ALN0113 データシート(HTML) 3 Page - Advanced Semiconductor Business Inc. |
|
3 / 3 page ![]() 3/3 www.asb.co.kr February 2012 plerowTM ALN0113 Internally Matched LNA Module 1) The tantal or MLC (Multi Layer Ceramic) capacitor is optional and for bypassing the AC noise introduced from the DC supply. The capacitance value may be determined by customer’s DC supply status. The ca- pacitor should be placed as close as possible to Vs pin and be connected directly to the ground plane for the best electrical performance. 2) DC blocking capacitors are always necessarily placed at the input and output port for allowing only the RF signal to pass and blocking the DC component in the signal. The DC blocking capacitors are includ- ed inside the ALN module. Therefore, C1 & C2 capacitors may not be necessary, but can be added just in case that the customer wants. The value of C1 & C2 is determined by considering the application fre- quency. Application Circuit Recommended Soldering Reflow Process + - ALN OUT IN C1 C2 VS Tantal or MLC (Multi Layer Ceramic) Capacitor 20~40 sec 260 C 200 C 150 C 60~180 sec Ramp-up (3 C/sec) Ramp-down (6 C/sec) IN OUT Vs Size 25x25mm (for ALN Series – 13x13mm) Evaluation Board Layout |