| データシートサーチシステム |
|
UPC667CT データシート(PDF) 1 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPC667CT データシート(HTML) 1 Page - NEC |
|
1 / 12 page ![]() © 1993, 1996 DATA SHEET BIPOLAR ANALOG INTEGRATED CIRCUIT µPC667 10-BIT D/A CONVERTER The information in this document is subject to change without notice. The mark 5 shows major revised points. Document No. S11099EJ2V0DS00 (2nd edition) (Previous No. IC-3250) Date Published February 1996 P Printed in Japan The µPC667 is high-speed and high-precision 10-bit D/A converter. Clock rate of the µPC667 is 60 Msps. Conversion precision of the µPC667 is ±1.0 LSB. FEATURES • Resolution 10-bit • Clock rate 60 Msps • Technology Bi-CMOS • Power supply +5 V • D/A conversion method R-2R ladder resistance and segment summing system • Analog output form Voltage output type • Built-in reference voltage generating circuit ORDERING INFORMATION Part Number Package µPC667CT 30-pin plastic shrink DIP (400 mil) |
同様の部品番号 - UPC667CT |
|
同様の説明 - UPC667CT |