| データシートサーチシステム |
|
ACE25C160G データシート(PDF) 15 Page - ACE Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
ACE25C160G データシート(HTML) 15 Page - ACE Technology Co., LTD. |
|
15 / 36 page ![]() ACE25C160G Uniform SECTOR Dual and Quad Serial Flash VER 1.5 15 Figure8. Dual Output Fast Read Sequence Diagram Quad Output Fast Read (6BH) The Quad Output Fast Read command is followed by 3-byte address (A23-A0) and a dummy byte, each bit being latched in during the rising edge of SCLK, then the memory contents are shifted out 4-bit per clock cycle from IO3, IO2, IO1 and IO0. The command sequence is shown in followed Figure9. The first byte addressed can be at any location. The address is automatically incremented to the next higher address after each byte of data is shifted out. Figure9. Quad Output Fast Read Sequence Diagram |