データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1SS130 データシート(PDF) 1 Page - SUNMATE electronic Co., LTD

部品番号 1SS130
部品情報  130mA Axial Leaded High Speed Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNMATE [SUNMATE electronic Co., LTD]
ホームページ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1SS130 データシート(HTML) 1 Page - SUNMATE electronic Co., LTD

  1SS130 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1SS130 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
130mA Axial Leaded High Speed Switching Diode
1 of 2
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
·
Mechanical Data
1.6
max
25.4 min
25.4 min
3.04
max
0.55
max
DO-34
·
High switching speed: max. 4 ns
Continuous reverse voltage:max. 75 V
Repetitive peak reverse voltage:max. 100 V
Pb / RoHS Free
1SS130
Case: DO-34 Glass Case
Weight: approx. 0.093g
·
Symbol
Value
Unit
VRRM
100
V
VRM
75
V
Maximum Average Forward Current
IF
130
mA
Maximum Peak Forward Current
IFM
400
mA
Maximum Power Dissipation
PD
300
mW
Maximum Non-repetitive Peak Forward Current
IFSM
600
mA
Maximum Junction Temperature
TJ
175
°C
Storage Temperature Range
TS
-65 to + 175
°C
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum Continuous Reverse Voltage
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reverse Current
IR
VR = 20 V
-
-
0.5
µA
Forward Voltage
VF
IF = 10 mA
-
-
1.0
V
Capacitance between terminals
CT
-
-
4.0
pF
IF = 10 mA , VR = 6 V
RL = 50 Ω
Test Condition
f = 1MHz ; VR = 0 V
Reverse Recovery Time
ns
4.0
-
-
Trr


同様の部品番号 - 1SS130

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
1SS130 EIC-1SS130 Datasheet
33Kb / 2P
HIGH SPEED SWITCHING DIODE
logo
SynSemi, Inc.
1SS130 SYNSEMI-1SS130 Datasheet
29Kb / 2P
HIGH SPEED SWITCHING DIODE
logo
Shenzhen Luguang Electr...
1SS130 LUGUANG-1SS130 Datasheet
196Kb / 2P
Small Signal Switching Diodes
More results

同様の説明 - 1SS130

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
1N914 SUNMATE-1N914 Datasheet
204Kb / 2P
75mA Axial Leaded High Speed Switching Diodes
1S1588 SUNMATE-1S1588 Datasheet
48Kb / 1P
0.5A Axial Leaded High Speed Switching Diode
1SS131 SUNMATE-1SS131 Datasheet
167Kb / 2P
130mA Axial Leaded High Speed Switching Diode
1SS132 SUNMATE-1SS132 Datasheet
180Kb / 2P
120mA Axial Leaded High Speed Switching Diode
1SS133 SUNMATE-1SS133 Datasheet
193Kb / 2P
130mA Axial Leaded High Speed Switching Diode
1SS136 SUNMATE-1SS136 Datasheet
40Kb / 1P
200mA Axial Leaded High Speed Switching Diode
1SS177 SUNMATE-1SS177 Datasheet
158Kb / 1P
100mA Axial Leaded High Speed Switching Diode
1SS178 SUNMATE-1SS178 Datasheet
170Kb / 1P
100mA Axial Leaded High Speed Switching Diode
BAW75 SUNMATE-BAW75 Datasheet
333Kb / 2P
150mA Axial Leaded High Speed Switching Diodes
logo
Nanjing International G...
1SS133 DGNJDZ-1SS133 Datasheet
1Mb / 2P
130mA Axial Leaded High Speed Switching Diode
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com