| データシートサーチシステム |
|
MAT04 データシート(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
MAT04 データシート(HTML) 11 Page - Analog Devices |
|
11 / 12 page ![]() MAT04 –11– REV. D Figure 10. Voltage-Controlled Attenuator, Attenuation vs. Frequency Figure 11. Voltage-Controlled Attenuator, Attenuation vs. Control Voltage 14-Lead Narrow-Body SO (R-14/SO-14) 14 8 7 1 0.3444 (8.75) 0.3367 (8.55) 0.2440 (6.20) 0.2284 (5.80) 0.1574 (4.00) 0.1497 (3.80) PIN 1 SEATING PLANE 0.0098 (0.25) 0.0040 (0.10) 0.0192 (0.49) 0.0138 (0.35) 0.0688 (1.75) 0.0532 (1.35) 0.0500 (1.27) BSC 0.0099 (0.25) 0.0075 (0.19) 0.0500 (1.27) 0.0160 (0.41) 8 ° 0 ° 0.0196 (0.50) 0.0099 (0.25) x 45 ° 14-Lead Plastic DIP (N-14) 14 17 8 0.795 (20.19) 0.725 (18.42) 0.280 (7.11) 0.240 (6.10) PIN 1 0.325 (8.25) 0.300 (7.62) 0.015 (0.381) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) SEATING PLANE 0.022 (0.558) 0.014 (0.356) 0.060 (1.52) 0.015 (0.38) 0.210 (5.33) MAX 0.130 (3.30) MIN 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) BSC 0.160 (4.06) 0.115 (2.93) OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 14-Lead Cerdip (Q-14) 14 1 7 8 0.310 (7.87) 0.220 (5.59) PIN 1 0.005 (0.13) MIN 0.098 (2.49) MAX SEATING PLANE 0.023 (0.58) 0.014 (0.36) 0.200 (5.08) MAX 0.785 (19.94) MAX 0.150 (3.81) MIN 0.070 (1.78) 0.030 (0.76) 0.200 (5.08) 0.125 (3.18) 0.100 (2.54) BSC 0.060 (1.52) 0.015 (0.38) 15 ° 0 ° 0.320 (8.13) 0.290 (7.37) 0.015 (0.38) 0.008 (0.20) |