| データシートサーチシステム |
|
NP100P04PDG-E2-AYNote データシート(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
NP100P04PDG-E2-AYNote データシート(HTML) 8 Page - Renesas Technology Corp |
|
8 / 9 page ![]() Data Sheet D18692EJ3V0DS 6 NP100P04PDG PACKAGE DRAWING (Unit: mm) TO-263 (MP-25ZP) No plating 7.88 MIN. 2.54 0.75 ±0.2 0.5 2 13 4 4.45 ±0.2 1.3 ±0.2 0.6 ±0.2 0 to 8˚ 1. Gate 2. Drain 3. Source 4. Fin (Drain) 0.025 to 0.25 0.25 10.0 ±0.3 EQUIVALENT CIRCUIT Source Body Diode Gate Drain Remark Strong electric field, when exposed to this device, can cause destruction of the gate oxide and ultimately degrade the device operation. Steps must be taken to stop generation of static electricity as much as possible, and quickly dissipate it once, when it has occurred. |