データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KSMU3N25 データシート(PDF) 1 Page - Kersemi Electronic Co., Ltd.

部品番号 KSMU3N25
部品情報  250V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KERSEMI [Kersemi Electronic Co., Ltd.]
ホームページ  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSMU3N25 データシート(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  KSMU3N25 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSMU3N25 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSMU3N25 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSMU3N25 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSMU3N25 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSMU3N25 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. KSMU3N25 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. KSMU3N25 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KSMD3N25 / KSMU3N25
250V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Kersemi proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switching DC/DC converters,
switch mode power supply.
Features
• 2.4A, 250V, RDS(on) = 2.2Ω @VGS = 10 V
• Low gate charge ( typical 4.0 nC)
• Low Crss ( typical 4.7 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
S
D
G
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
KSMD3N25 / KSMU3N25
Units
VDSS
Drain-Source Voltage
250
V
ID
Drain Current
- Continuous (TC = 25°C)
2.4
A
- Continuous (TC = 100°C)
1.5
A
IDM
Drain Current
- Pulsed
(Note 1)
9.6
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
40
mJ
IAR
Avalanche Current
(Note 1)
2.4
A
EAR
Repetitive Avalanche Energy
(Note 1)
3.0
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
PD
Power Dissipation (TA = 25°C) *
2.5
W
Power Dissipation (TC = 25°C)
30
W
- Derate above 25°C
0.24
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
4.17
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient *
--
50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
110
°C/W
* When mounted on the minimum pad size recommended (PCB Mount)
TO-252
TO-251
2014-7-19
1
www.kersemi.com


同様の部品番号 - KSMU3N25

メーカー部品番号データシート部品情報
logo
Kersemi Electronic Co.,...
KSMU3N30 KERSEMI-KSMU3N30 Datasheet
1Mb / 8P
300V N-CHANNEL MOSFET
KSMU3N40 KERSEMI-KSMU3N40 Datasheet
1Mb / 8P
400V N-CHANNEL MOSFET
KSMU3N50C KERSEMI-KSMU3N50C Datasheet
1Mb / 8P
500V N-Channel MOSFET
More results

同様の説明 - KSMU3N25

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
250V N-Channel MOSFET
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com