| データシートサーチシステム |
|
R5F2136CSNFP データシート(PDF) 50 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2136CSNFP データシート(HTML) 50 Page - Renesas Technology Corp |
|
50 / 61 page ![]() R8C/36T-A Group 4. Electrical Characteristics R01DS0055EJ0100 Rev.1.00 Page 50 of 58 Dec 09, 2011 Note: 1. 1tCYC = 1/f1 (s) Table 4.21 Timing Requirements of Clock Synchronous Serial I/O with Chip Select (during Slave Operation) (Measurement conditions: Vcc = 1.8 V to 5.5 V, Topr = 20°C to 85°C (N version)/ 40°C to 85°C (D version)) Symbol Parameter Conditions Standard Unit Min. Typ. Max. tSUCYC SSCK clock cycle time 4.00 ―― tCYC (1) tHI SSCK clock high width 0.40 ― 0.60 tSUCYC tLO SSCK clock low width 0.40 ― 0.60 tSUCYC tRISE SSCK clock rising time ―― 1.00 μs tFALL SSCK clock falling time ―― 1.00 μs tSU SSO data input setup time 10.00 ―― ns tH SSO data input hold time 2.00 ―― tCYC (1) tLEAD SCS setup time 1tCYC + 50 ―― ns tLAG SCS hold time 1tCYC + 50 ―― ns tOD SSI, SSO data output delay time 4.5 V Vcc 5.5 V ―― 60 ns 2.7 V Vcc 4.5 V ―― 70 ns 1.8 V Vcc 2.7 V ―― 100.00 ns tSA SSI slave access time 2.7 V Vcc 5.5 V ―― 1.5tCYC + 100 ns 1.8 V Vcc 2.7 V ―― 1.5tCYC + 200 ns tOR SSI slave out open time 2.7 V Vcc 5.5 V ―― 1.5tCYC + 100 ns 1.8 V Vcc 2.7 V ―― 1.5tCYC + 200 ns |