| データシートサーチシステム |
|
R5F2138CSDFP データシート(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2138CSDFP データシート(HTML) 17 Page - Renesas Technology Corp |
|
17 / 63 page ![]() R8C/38T-A Group 2. Central Processing Unit (CPU) R01DS0081EJ0100 Rev.1.00 Page 17 of 60 Dec 09, 2011 2.8.7 Interrupt Enable Flag (I) The I flag enables maskable interrupts. Interrupts are disabled when the I flag is 0, and are enabled when the I flag is 1. The I flag is set to 0 when an interrupt request is acknowledged. 2.8.8 Stack Pointer Select Flag (U) ISP is selected when the U flag is 0. USP is selected when the U flag is 1. The U flag is set to 0 when a hardware interrupt request is acknowledged or the INT instruction for a software interrupt numbered from 0 to 31 is executed. 2.8.9 Processor Interrupt Priority Level (IPL) IPL is 3 bits wide and assigns eight processor interrupt priority levels from 0 to 7. If a requested interrupt has higher priority than IPL, the interrupt is enabled. 2.8.10 Reserved Bit The write value must be 0. The read value is undefined. |