| データシートサーチシステム |
|
R5F2136CSDFP データシート(PDF) 54 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2136CSDFP データシート(HTML) 54 Page - Renesas Technology Corp |
|
54 / 61 page ![]() R8C/36T-A Group 4. Electrical Characteristics R01DS0055EJ0100 Rev.1.00 Page 54 of 58 Dec 09, 2011 Figure 4.7 External Clock Input Timing Diagram Figure 4.8 Input Timing of TRJIO Table 4.22 External Clock Input (XOUT, XCIN) Symbol Parameter Standard Unit Vcc = 2.2 V, Topr = 25°C Vcc = 3 V, Topr = 25°C Vcc = 5 V, Topr = 25°C Min. Max. Min. Max. Min. Max. tc(XOUT) XOUT input cycle time 200 ― 50 ― 50 ― ns tWH(XOUT) XOUT input high width 90 ― 24 ― 24 ― ns tWL(XOUT) XOUT input low width 90 ― 24 ― 24 ― ns tc(XCIN) XCIN input cycle time 14 ― 14 ― 14 ―μs tWH(XCIN) XCIN input high width 7 ― 7 ― 7 ―μs tWL(XCIN) XCIN input low width 7 ― 7 ― 7 ―μs Table 4.23 Timing Requirements of TRJIO Symbol Parameter Standard Unit Vcc = 2.2 V, Topr = 25°C Vcc = 3 V, Topr = 25°C Vcc = 5 V, Topr = 25°C Min. Max. Min. Max. Min. Max. tc(TRJIO) TRJIO input cycle time 500 ― 300 ― 100 ― ns tWH(TRJIO) TRJIO input high width 200 ― 120 ― 40 ― ns tWL(TRJIO) TRJIO input low width 200 ― 120 ― 40 ― ns External Clock Input tWH(XOUT), tWH(XCIN) tC(XOUT), tC(XCIN) tWL(XOUT), tWL(XCIN) TRJIO input tC(TRJIO) tWL(TRJIO) tWH(TRJIO) |