データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U360007 データシート(PDF) 1 Page - Tripp Lite. All Rights Reserved

部品番号 U360007
部品情報  7-Port USB 3.0 SuperSpeed Hub with Dedicated 2A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U360007 データシート(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U360007 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U360007 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7-Port USB 3.0 SuperSpeed Hub with Dedicated 2A
USB Charging Port
MODEL NUMBER: U360-007
Description
Tripp Lite's U360-007 USB 3.0 Charging Hub plugs into a computer's USB 3.0 port and provides seven USB 3.0 SuperSpeed peripheral ports, and one
charging port for charging tablets such as an iPad. Dedicated charging port supplies the extra amperage needed to charge tablets, which most USB hubs do
not include. Plug-and-Play... no software or drivers required. Automatically switches to the highest speed supported by the peripheral. Windows (compatible
with Windows 8) and Mac compatible.
Features
USB 3.0 ports support 5Gbps transfer speeds when plugged into a USB 3.0 computer and peripheral
USB charging port provides 5V, 2A for tablet ( iPad ) full battery charging
USB 3.0 ports support up to 900mA per port
The included external power supply provides 4A of power, to be shared between the hub ports (up to 2A for iPad charging port )
Plug-and-Play
No software or drivers required
Windows (compatible with Windows 8) and Mac compatible
Overcurrent protection
LED power indicator light
Specifications
OVERVIEW
Chromebook Compatible
Yes
AC Adapter
Input 100-240Vac, 50/60Hz, 0.8A Output: +5V, 4A
Model Type
Hubs
Highlights
USB 3.0 Hub with 7 USB 3.0
SuperSpeed ports
One dedicated USB charging
port for Tablet charging ( 5V, 2A )
Plug-and-Play - no software or
drivers required
System Requirements
USB 3.0 or 2.0 Computer
USB 3.0 or 2.0 Peripherals
Package Includes
USB3.0 7-port Hub + 1 Charging
Port
USB 3.0 A-B cable, 3ft
Power Adapter, 5V/4A
1 / 2


同様の部品番号 - U360007

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
U360007IND TRIPPLITE-U360007IND Datasheet
496Kb / 2P
7-Port Rugged Industrial USB 3.0 SuperSpeed Hub
More results

同様の説明 - U360007

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
U336U03GB TRIPPLITE-U336U03GB Datasheet
497Kb / 2P
USB 3.0 SuperSpeed to Gigabit Ethernet NIC Network Adapter with 3 Port USB 3.0 Hub
U360004IND TRIPPLITE-U360004IND Datasheet
495Kb / 2P
4-Port Rugged Industrial USB 3.0 SuperSpeed Hub
U360004MINI TRIPPLITE-U360004MINI Datasheet
502Kb / 2P
4-Port Portable USB 3.0 SuperSpeed Hub
U360004R TRIPPLITE-U360004R Datasheet
492Kb / 2P
4-Port USB 3.0 SuperSpeed Hub
U360007IND TRIPPLITE-U360007IND Datasheet
496Kb / 2P
7-Port Rugged Industrial USB 3.0 SuperSpeed Hub
U360-412 TRIPPLITE-U360-412 Datasheet
511Kb / 2P
6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB 3.0, 4x USB 2.0, 1 charging port
U360-004-AL TRIPPLITE-U360-004-AL Datasheet
503Kb / 2P
4-Port Portable USB 3.0 SuperSpeed Mini Hub, Aluminum
U336-U03-GB TRIPPLITE-U336-U03-GB Datasheet
166Kb / 2P
USB 3.0 SuperSpeed to Gigabit Ethernet NIC Network Adapter with 3 Port USB 3.0 Hub
logo
Advantech Co., Ltd.
USH304 ADVANTECH-USH304 Datasheet
320Kb / 1P
4-port isolated USB 3.0 SuperSpeed Hub
logo
IOGEAR
GUH326 IOGEAR-GUH326 Datasheet
149Kb / 3P
6-Port SuperSpeed USB 3.0 Hub
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com