データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P561003 データシート(PDF) 1 Page - Tripp Lite. All Rights Reserved

部品番号 P561003
部品情報  DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 3-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P561003 データシート(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P561003 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P561003 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DVI Single Link Cable, Digital TMDS Monitor Cable
(DVI-D M/M), 3-ft.
MODEL NUMBER: P561-003
Description
Tripp Lite's 3 foot DVI Single Link TMDS cable delivers the high performance, high bandwidth needed for today's digital video displays. Gold plated contacts
ensure excellent conductivity, while double shielding (foil and braid) provides maximum EMI/RFI protection. Both DVI connectors are molded and have integral
strain relief for long life reliability.
Features
Superior molded cables with foil/braid shielding for maximum EMI/RFI protection
Single Link digital signaling for transmission speeds to 4.95Gbps and 1920 x 1200 resolution
Gold plated contacts ensure excellent conductivity
Meets DVI DDWG Standard
For use with Digital CRT displays, Flat Panel Displays, HDTV and Projectors
Specifications
OVERVIEW
Chromebook Compatible
No
Style
DVI
Display Style
Cable
Model Type
DVI
Cable Types
DVI
INPUT
Cable Length (ft.)
3
Highlights
Superior molded cables with
foil/braid shielding for maximum
EMI/RFI protection
Compatible with Flat Panel
Displays, Digital CRT Displays
and Projectors
Resolutions up to 1920 x 1200
High Speed Digital Transmission
to 4.95Gbps
System Requirements
Monitor with DVI, and CPU with a
DVI video card
Package Includes
DVI Single Link TMDS cable - DVI-D,
M/M, 3'
1 / 2


同様の部品番号 - P561003

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
P561006 TRIPPLITE-P561006 Datasheet
497Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 6-ft
More results

同様の説明 - P561003

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
P560003 TRIPPLITE-P560003 Datasheet
500Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 3-ft
P561006 TRIPPLITE-P561006 Datasheet
497Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 6-ft
P561010 TRIPPLITE-P561010 Datasheet
498Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 10-ft
P561050 TRIPPLITE-P561050 Datasheet
499Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 50-ft
P560-003 TRIPPLITE-P560-003 Datasheet
167Kb / 2P
DVI Dual Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 3-ft.
P561-003 TRIPPLITE-P561-003 Datasheet
165Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 3-ft.
P561-006 TRIPPLITE-P561-006 Datasheet
165Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 6-ft.
P561-010 TRIPPLITE-P561-010 Datasheet
165Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 10-ft.
P561-015 TRIPPLITE-P561-015 Datasheet
165Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 15-ft.
P561-025 TRIPPLITE-P561-025 Datasheet
165Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 25-ft.
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com