データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2995 データシート(PDF) 5 Page - STMicroelectronics

部品番号 AN2995
部品情報  Demonstration board user guidelines
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2995 データシート(HTML) 5 Page - STMicroelectronics

  AN2995 Datasheet HTML 1Page - STMicroelectronics AN2995 Datasheet HTML 2Page - STMicroelectronics AN2995 Datasheet HTML 3Page - STMicroelectronics AN2995 Datasheet HTML 4Page - STMicroelectronics AN2995 Datasheet HTML 5Page - STMicroelectronics AN2995 Datasheet HTML 6Page - STMicroelectronics AN2995 Datasheet HTML 7Page - STMicroelectronics AN2995 Datasheet HTML 8Page - STMicroelectronics AN2995 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AN2995
Possible configurations
Doc ID 15840 Rev 1
5/13
Figure 4.
High-pass Sallen-Key configuration
3.3
Differential amplifier configuration
The differential amplifier configuration allows the subtraction of two voltages.
The transfer function is: Vout = Vin1 ((Z8+Z4)/Z8 * Z5/(Z1+Z5)) - Z4/Z8*Vin2.
Choosing Z8 = Z1 and Z4 = Z5 gives:
Vout = (Vin1-Vin2)*Z4/Z8
Z6, Z7, Z9, Z12 and Z14 must be "not connected". Z2, Z3 and Z13 must be shorted.
Figure 5.
Differential amplifier configuration
3.4
In-loop compensation configuration(a)
The goal of this compensation technique is to stabilize an amplifier configuration with a
capacitive load. This compensation is called in-loop because the additional components
(Z13 and Z4) used to improve the stability are inserted in the feedback loop.
Z5, Z6 and Z8 must be "not connected". Z1, Z2 and Z3 must be shorted.
Vout
Vin1
Z9
Z4
Z1
Z2
Z5
Z6
AM04503
Vout
Vin2
Z8
Z4
Z5
Z1
Vin1
AM04504
a.
More information on compensation methods can be found in application note AN2653: Operational amplifier stability
compensation methods for capacitive loading applied to TS507 (see Table 2: Document references).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13