| データシートサーチシステム |
|
AN3165 データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3165 データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 31 page ![]() AN3165 Integration principles and description Doc ID 17180 Rev 1 23/31 Below is the code for synchronizing TIM4 with TIM1. In the "pfc.c" module: void TIM4_Configuration(void) { ... /* Selects TIM1 Output Trigger as input trigger for TIM4 */ TIM_SelectInputTrigger(TIM4, TIM_TS_ITR0); /* Selects the Trigger Mode as Slave Mode for TIM4 */ TIM_SelectSlaveMode(TIM4, TIM_SlaveMode_Trigger); } As such, the code executed in the ADC1_2 IRQ routine in the dual FOC MC part is now executed inside the TIM4_IRQ routine. In the "stm32f10x_it.c" module: void ADC1_2_IRQHandler(void) { ... #ifndef PFC_ENABLE if((ADC1->SR & ADC_FLAG_JEOC) == ADC_FLAG_JEOC) // Test if ADC3 JEOC is set { //It clear JEOC flag ADC1->SR = ~(u32)ADC_FLAG_JEOC; SVPWMGetBusSampling(); } else #endif ... } void TIM4_IRQHandler(void) { ... SVPWMGetBusSampling(); ... } 4.3.2 Firmware modifications to resolve conflicts between I/O pins The following is the code to resolve the conflicts outlined in Section 4.2.3, and demonstrates how TIM5_CC3 replaces the function of TIM8_CH4 of the dual FOC MC part. In the "pfc.c" module: void TIM5_Configuration(void) { ... /* Selects TIM5 Output Trigger as OC3REF */ TIM_SelectOutputTrigger(TIM5, TIM_TRGOSource_OC3Ref); /* Selects TIM2 Output Trigger as input trigger fot TIM5 */ |