データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4218 データシート(PDF) 23 Page - STMicroelectronics

部品番号 AN4218
部品情報  Hardware design guideline
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4218 データシート(HTML) 23 Page - STMicroelectronics

Back Button AN4218 Datasheet HTML 18Page - STMicroelectronics AN4218 Datasheet HTML 19Page - STMicroelectronics AN4218 Datasheet HTML 20Page - STMicroelectronics AN4218 Datasheet HTML 21Page - STMicroelectronics AN4218 Datasheet HTML 22Page - STMicroelectronics AN4218 Datasheet HTML 23Page - STMicroelectronics AN4218 Datasheet HTML 24Page - STMicroelectronics AN4218 Datasheet HTML 25Page - STMicroelectronics AN4218 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
DocID024014 Rev 2
23/26
AN4218
Application circuits
System reliability
The ESD-diodes inside of the microcontroller are designed for short discharge pulses only,
not to sustain a constant current over time. Therefore the maximum continuous voltage drop
over them is specified in the absolute maximum ratings to be not higher than 0.3 V. In this
case only a very limited current is flowing through them.
A continuous current may lead to a degrading effect on these diodes over time.
3.2.3
Physical layer
Physical layer interfaces such as CAN-transceiver and LIN-transceivers may not have a
reverse protection from the physical layer to its power supply, which may be connected to
the microcontroller-supply (VDD-HV). Since the physical layer is driven by other members on
the bus this may lead to residual voltages while the microcontroller is not supplied.
CAN-transceiver without reverse protection show the backward current through an
unprotected CAN-biasing net to the unpowered microcontroller-supply (VDD). In a car-
network the CAN-bus is expected to be always supplied even while the microcontroller is
not.
Figure 23. CAN-transceiver without reverse protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26