データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TN0985 データシート(PDF) 13 Page - STMicroelectronics

部品番号 TN0985
部品情報  Class S equivalent??for CMOS4000B and 54HCMOS series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0985 データシート(HTML) 13 Page - STMicroelectronics

Back Button TN0985 Datasheet HTML 9Page - STMicroelectronics TN0985 Datasheet HTML 10Page - STMicroelectronics TN0985 Datasheet HTML 11Page - STMicroelectronics TN0985 Datasheet HTML 12Page - STMicroelectronics TN0985 Datasheet HTML 13Page - STMicroelectronics TN0985 Datasheet HTML 14Page - STMicroelectronics TN0985 Datasheet HTML 15Page - STMicroelectronics TN0985 Datasheet HTML 16Page - STMicroelectronics TN0985 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
DocID024294 Rev 4
13/32
TN0985
Procedure
32
2.3
Radiation
The radiation guarantee depends on the product series:
•
M54HCMOS series: each wafer is tested to a total dose of 50 krad according to the
ESCC 22900. The corresponding radiation verification test (RVT) report is included in
the documentation provided with each shipment.
•
CMOS4000B series: each wafer lot is tested to a total dose of 100 krad according to
the ST internal specification. The corresponding RVT report is included in the
documentation provided with each shipment.
2.4
Marking
The devices are marked as follows (see also Figure 3):
•
Date code/ST logo/country of origin (e.g. FR = France)
•
ESCC detailed specification number + specific variant as shown in Table 7.
Table 6. Parameter drift values
Characteristic
Symbols
Limits
Units
Drift value
Absolute
Min.
Max.
Threshold voltage
N-channel
VTHn
±0.4
-0.7
-3
V
Threshold voltage
P-channel
VTHp
0.7
3
Table 7. Variant table
Package
Gold finish
Hot solder dipped
Flat
21
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32