データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SSDF9504 データシート(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

部品番号 SSDF9504
部品情報  N And P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSDF9504 データシート(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSDF9504_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSDF9504_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSDF9504_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSDF9504_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSDF9504_15 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSDF9504_15 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSDF9504_15 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Elektronische Bauelemente
SSDF9504
23A, 40V, RDS(ON) 26m
-20A, -40V, RDS(ON) 40m
N And P-Channel Enhancement Mode Power MOSFET
14-Nov-2012 Rev. B
Page 2 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
N-Ch
40
-
-
VGS=0, ID=250μA
Drain-Source Breakdown
Voltage
P-Ch
BVDSS
-40
-
-
V
VGS=0, ID= -250μA
N-Ch
1
-
2.5
VDS=VGS, ID=250μA
Gate-Threshold Voltage
P-Ch
VGS(th)
-1
-
-2.5
V
VDS=VGS, ID= -250μA
N-Ch
-
8
-
VDS=5V, ID=12A
Forward Transconductance
P-Ch
gfs
-
12.6
-
S
VDS= -5V, ID= -8A
N-Ch
-
-
±100
VGS= ±20V
Gate-Source Leakage Current
P-Ch
IGSS
-
-
±100
nA
VGS= ±20V
N-Ch
-
-
1
VDS=32V, VGS=0, TJ=25°C
P-Ch
-
-
-1
VDS= -32V, VGS=0, TJ=25°C
N-Ch
-
-
5
VDS=32V, VGS=0, TJ=55°C
Drain-Source Leakage Current
P-Ch
IDSS
-
-
-5
μA
VDS= -32V, VGS=0 , TJ=55°C
N-Ch
-
-
26
VGS=10V, ID=6A
P-Ch
-
-
40
VGS= -10V, ID= -6A
N-Ch
-
-
35
VGS=4.5V, ID=4A
Drain-Source On-Resistance
2
P-Ch
RDS(ON)
-
-
65
mΩ
VGS= -4.5V, ID= -4A
N-Ch
-
5.5
-
Total Gate Charge
P-Ch
Qg
-
9
-
N-Ch
-
1.25
-
Gate-Source Charge
P-Ch
Qgs
-
2.54
-
N-Ch
-
2.5
-
Gate-Drain (“Miller”) Charge
P-Ch
Qgd
-
3.1
-
nC
N-Channel
VDS=20V, VGS=4.5V, ID=12A
P-Channel
VDS= -20V, VGS= -4.5V, ID= -12A
N-Ch
-
8.9
-
Turn-on Delay Time
P-Ch
Td(on)
-
19.2
-
N-Ch
-
2.2
-
Rise Time
P-Ch
Tr
-
12.8
-
N-Ch
-
41
-
Turn-off Delay Time
P-Ch
Td(off)
-
48.6
-
N-Ch
-
2.7
-
Fall Time
P-Ch
Tf
-
4.6
-
nS
N-Channel
VDD=20V, RG=3.3Ω,RD=20Ω
VGS=10V, ID=1A
P-Channel
VDD= -15V, RG=3.3Ω, RD=20Ω
VGS= -10V, ID= -1A
N-Ch
-
593
-
Input Capacitance
P-Ch
Ciss
-
1004
-
N-Ch
-
76
-
Output Capacitance
P-Ch
Coss
-
108
-
N-Ch
-
56
-
Reverse Transfer Capacitance
P-Ch
Crss
-
80
-
pF
N-Channel
VGS=0, VDS=15V, f=1.0MHz
P-Channel
VGS=0, VDS= -15V, f=1.0MHz
N-Ch
-
2.6
5.2
Gate Resistance
P-Ch
Rg
-
13
16
VDS=VGS=0, f=1.0MHz



Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com