データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN1313 データシート(PDF) 13 Page - STMicroelectronics

部品番号 AN1313
部品情報  Porting an application from the ST10F168 to the ST10F269
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1313 データシート(HTML) 13 Page - STMicroelectronics

Back Button AN1313 Datasheet HTML 8Page - STMicroelectronics AN1313 Datasheet HTML 9Page - STMicroelectronics AN1313 Datasheet HTML 10Page - STMicroelectronics AN1313 Datasheet HTML 11Page - STMicroelectronics AN1313 Datasheet HTML 12Page - STMicroelectronics AN1313 Datasheet HTML 13Page - STMicroelectronics AN1313 Datasheet HTML 14Page - STMicroelectronics AN1313 Datasheet HTML 15Page - STMicroelectronics AN1313 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AN1313 - APPLICATION NOTE
13/16
5.1.2.2 - Software Impacts
To have on the ST10F269 a behavior equivalent to the ST10F168’s one, POCONx values must be set to
the following:
– 0x0044h for POCON0L, POCON0H, POCON1L, POCON1H, POCON4, POCON5, POCON6,
POCON7, POCON8 and POCON20,
– 0x4444h for POCON2 and POCON3.
5.2 - New Registers not Impacting the Application
5.2.1 - ODP4 Register (F1CAh / E5h)
This is a new register of the ST10F269. For CAN configuration support, Port 4 has a new open drain
function controlled with this register.
5.2.2 - EXISEL Register (F1DAh / DAh)
This register, standing for External Interrupt Source Selection, has been added in the ST10F269.
The purpose of this new register is to select the interrupt sources of the fast external interrupts among the
other peripherals. For example the CANy controller receive signal (CANy_RxD) can be used to interrupt
the system (y = 1,2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16