データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2341 データシート(PDF) 21 Page - STMicroelectronics

部品番号 AN2341
部品情報  Programming ST10F27x/F25x CAN interrupt drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2341 データシート(HTML) 21 Page - STMicroelectronics

Back Button AN2341 Datasheet HTML 17Page - STMicroelectronics AN2341 Datasheet HTML 18Page - STMicroelectronics AN2341 Datasheet HTML 19Page - STMicroelectronics AN2341 Datasheet HTML 20Page - STMicroelectronics AN2341 Datasheet HTML 21Page - STMicroelectronics AN2341 Datasheet HTML 22Page - STMicroelectronics AN2341 Datasheet HTML 23Page - STMicroelectronics AN2341 Datasheet HTML 24Page - STMicroelectronics AN2341 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
AN2341
Register description
21/26
EWarn
Warning status
‘0’: Both error counters are below the error warning limit of 96.
‘1’: At least one of the error counters in the EML has reached the error warning limit
of 96.
BOff
Bus-off status
‘0’: The CAN module is not bus-off.
‘1’: The CAN module is in bus-off state.
Table 5.
CAN1SR and CAN2SR registers (continued)
Bit
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26