データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2388 データシート(PDF) 23 Page - STMicroelectronics

部品番号 AN2388
部品情報  Sensor field oriented control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2388 データシート(HTML) 23 Page - STMicroelectronics

Back Button AN2388 Datasheet HTML 19Page - STMicroelectronics AN2388 Datasheet HTML 20Page - STMicroelectronics AN2388 Datasheet HTML 21Page - STMicroelectronics AN2388 Datasheet HTML 22Page - STMicroelectronics AN2388 Datasheet HTML 23Page - STMicroelectronics AN2388 Datasheet HTML 24Page - STMicroelectronics AN2388 Datasheet HTML 25Page - STMicroelectronics AN2388 Datasheet HTML 26Page - STMicroelectronics AN2388 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
AN2388
Hardware design
23/54
Figure 19.
The general purpose motor connectors are here below shown:
Figure 20.
General purpose motor connectors (DC and BLDC motors)
3.3
Three-phase high voltage power stage (powerBD-1000)
For this purpose, the power stage has been chosen able to manage power requirements up
to 1000 watt. For other power ratings, it is possible to use PowerBD-300 (300 watt) or
PowerBD-3000. The power boards can work directly from AC or DC power supply (only DC
for the PowerBD-3000). The auxiliary supplies are located on the Power boards and are
usable with applications above 24VDC. For more details see the Motor Drive Reference
Design Kit (UM0122, available from the ST website, http://www.st.com/mcu).
Original partitioning between the Power board and Gate Driver Board contributes to system
noise immunity.
MC Connector
3 G/P
Motor
Connectors
Clock Configuration
Switches
CAN 2.0
RS 232
DIP Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54