データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2871 データシート(PDF) 22 Page - STMicroelectronics

部品番号 AN2871
部品情報  This application note is intended for hardware designers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2871 データシート(HTML) 22 Page - STMicroelectronics

Back Button AN2871 Datasheet HTML 17Page - STMicroelectronics AN2871 Datasheet HTML 18Page - STMicroelectronics AN2871 Datasheet HTML 19Page - STMicroelectronics AN2871 Datasheet HTML 20Page - STMicroelectronics AN2871 Datasheet HTML 21Page - STMicroelectronics AN2871 Datasheet HTML 22Page - STMicroelectronics AN2871 Datasheet HTML 23Page - STMicroelectronics AN2871 Datasheet HTML 24Page - STMicroelectronics AN2871 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Unused pin management
AN2871
22/25
Doc ID 15304 Rev 3
5
Unused pin management
In some applications, not all pins of the device may be needed.
For all unused pins (digital pin and analog pin), it is recommended that software configure
them as floating input with internal or external weak pull-up/pull-down. Using both internal
and external weak pull, pay attention to use the same pull type so to avoid direct link to
VDD/VSS. For unused analog pin don’t enable the analog pad control PCR[APC].
More pins can be linked to the same pull-up/down resistance.
Additional recommendation:
All unused pins should be tied off. Software doesn't enable the output buffers of the pads
(PCR[OBE] bit) to avoid a path with current injection inside the device.
There is no specific recommendation for external resistances but it is good practice to use
10 kOhm as pull-up/down resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25