| データシートサーチシステム |
|
AN3190 データシート(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3190 データシート(HTML) 30 Page - STMicroelectronics |
|
30 / 56 page ![]() Detailed pad list AN3190 30/56 Doc ID 17333 Rev 2 A.48 Pad 48 - E[7] A.49 Pad 49 - E[2] A.50 Pad 50 A.51 Pad 51 A.52 Pad 52 - B[9] Table 53. Pad 48 - E[7]: fully compatible(1) 1. If this pad is used as analog input a full compatibility is reached by software in such a way that a SPC560Px conversion on channel ADC0_AN[10] corresponds to an SPC56EL60 conversion on channel ADC0_AN[6]. SPC560Px SPC56EL60 Comment GPIO[71] — ADC 0 - AN[10] — SPC56EL60 does not support this analog channel. — ADC 0 - AN[6] SPC560Px supports this analog channel on pad 40. Table 54. Pad 49 - E[2]: fully compatible SPC560Px SPC56EL60 Comment GPIO[66] — ADC 0 - AN[5] — Table 55. Pad 50: fully compatible SPC560Px SPC56EL60 Comment VDD_HV_AD0 VDD_HV_ADR0 — Table 56. Pad 51: fully compatible SPC560Px SPC56EL60 Comment VSS_HV_AD0 VSS_HV_ADR0 — Table 57. Pad 52 - B[9]: fully compatible SPC560Px SPC56EL60 Comment GPIO[25] — ADC 0/1 - AN[11] — |