データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3324 データシート(PDF) 30 Page - STMicroelectronics

部品番号 AN3324
部品情報  Implementing power-on self tests
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3324 データシート(HTML) 30 Page - STMicroelectronics

Back Button AN3324 Datasheet HTML 26Page - STMicroelectronics AN3324 Datasheet HTML 27Page - STMicroelectronics AN3324 Datasheet HTML 28Page - STMicroelectronics AN3324 Datasheet HTML 29Page - STMicroelectronics AN3324 Datasheet HTML 30Page - STMicroelectronics AN3324 Datasheet HTML 31Page - STMicroelectronics AN3324 Datasheet HTML 32Page - STMicroelectronics AN3324 Datasheet HTML 33Page - STMicroelectronics AN3324 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
AN3324
CPU core initialization
Doc ID 18311 Rev 2
30/37
Finally user must set stack and small data area pointers.
;------- Reset Configuration Half Word -------------------------------------
.if __ghs__
.section .rcw
.else
.section
.rcw,,c
.endif
reset_vector:
.LONG 0x015A0000
# SPC56ELX - e200 Core Watchdog OFF, External Boot OFF,
VLE ON
.LONG _start
# Code starts at _start
;---------------------------------------------------------------------------
.if __ghs__
; GHS declarations
.section .vletext_init, va
.vle
.global__ghs_board_memory_init
.else
; WindRiver declarations
.section .vletext_init,4,c
.endif
.global_start
.align2
e_add2i.r0,0# Debuggers may object to starting at 0.
_start:
##--------- SET UP MMU (BEGIN)--------------------------------------------
#table 0
e_lis r5, 0x10000000@ha
e_add16i r5, r5, 0x10000000@l
mtspr mas0,r5
# mtspr MAS0,r5
e_lis r5, 0xC0000500@ha
e_add16i r5, r5, 0xC0000500@l
mtspr mas1,r5# mtspr MAS1,r5
e_lis r5, 0x00000028@ha
e_add16i r5, r5, 0x00000028@l
mtspr mas2,r5
# mtspr MAS2,r5
e_lis r5, 0x0000003F@ha
e_add16i r5, r5, 0x0000003F@l
mtspr mas3,r5
# mtspr MAS3,r5
tlbwe
# Write the entry to the TLB
#table 1
....
mtspr mas3,r5
# mtspr MAS3,r5
tlbwe
# Write the entry to the TLB
#table 2
....
tlbwe
# Write the entry to the TLB
#table 3
....
mtspr mas3,r5
# mtspr MAS3,r5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37