データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3340 データシート(PDF) 13 Page - STMicroelectronics

部品番号 AN3340
部品情報  Loudspeaker characterization and compensation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3340 データシート(HTML) 13 Page - STMicroelectronics

Back Button AN3340 Datasheet HTML 9Page - STMicroelectronics AN3340 Datasheet HTML 10Page - STMicroelectronics AN3340 Datasheet HTML 11Page - STMicroelectronics AN3340 Datasheet HTML 12Page - STMicroelectronics AN3340 Datasheet HTML 13Page - STMicroelectronics AN3340 Datasheet HTML 14Page - STMicroelectronics AN3340 Datasheet HTML 15Page - STMicroelectronics AN3340 Datasheet HTML 16Page - STMicroelectronics AN3340 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AN3340
Loudspeaker compensation
Doc ID 18453 Rev 1
13/24
2.
Select the number of biquads dedicated to the speaker compensation. To do this it is
necessary to select the tab Coefficient Bank and then the number of biquads.
Figure 10 shows an example where all the biquads have been selected. There are a total of
8 biquads for this device.
Figure 10.
APW - select number of filter biquads
It is possible to decide to apply the compensation either to both channels or to only one
channel. To select both channels, choose the option “Auto-aligned channels” in the Channel
controls section of the tab Equalizer Editor as indicated in Figure 11.
Figure 11.
APW - how to select both channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24