データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3128 データシート(PDF) 1 Page - KR Electronics, Inc.

部品番号 3128
部品情報  1 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KR [KR Electronics, Inc.]
ホームページ  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3128 データシート(HTML) 1 Page - KR Electronics, Inc.

  3128 Datasheet HTML 1Page - KR Electronics, Inc. 3128 Datasheet HTML 2Page - KR Electronics, Inc. 3128 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2013, KR Electronics, Inc.
3128, Rev 0, December 5, 2013
KR Electronics, Inc.
KR Electronics part number 3128 is a 1 MHz bandpass filter.
The filter has a 3 dB bandwidth of 200 KHz. Other center fre-
quencies and bandwidths are available. Please consult the
factory.
General Description
KR Electronics, Inc.
Features
 1 MHz Bandpass Filter
 200 KHz 3 dB Bandwidth
 576 KHz typical 40 dB Bandwidth
 50  Source and Load
 SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


同様の部品番号 - 3128

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
3128 ETC2-3128 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3128 ETC2-3128 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3128 HEYCO-3128 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
logo
Adafruit Industries
3128 ADAFRUIT-3128 Datasheet
210Kb / 3P
Adafruit 0.54" Quad Alphanumeric FeatherWing Display - Blue
logo
Keystone Electronics Co...
3128 KEYSTONE-3128 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results

同様の説明 - 3128

メーカー部品番号データシート部品情報
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
TriQuint Semiconductor
855104 TRIQUINT-855104_15 Datasheet
42Kb / 1P
499.25 MHz Bandpass Filter 1 MHz Bandwidth
logo
KR Electronics, Inc.
3149 KR-3149 Datasheet
57Kb / 3P
1 MHz Bandpass Filter
3219-SMA KR-3219-SMA Datasheet
60Kb / 3P
1 MHz Bandpass Filter
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
3277-SMA KR-3277-SMA Datasheet
100Kb / 3P
70 MHz Bandpass Filter
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com