データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN934 データシート(PDF) 12 Page - STMicroelectronics

部品番号 AN934
部品情報  How to use the digital calibration feature
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN934 データシート(HTML) 12 Page - STMicroelectronics

Back Button AN934 Datasheet HTML 6Page - STMicroelectronics AN934 Datasheet HTML 7Page - STMicroelectronics AN934 Datasheet HTML 8Page - STMicroelectronics AN934 Datasheet HTML 9Page - STMicroelectronics AN934 Datasheet HTML 10Page - STMicroelectronics AN934 Datasheet HTML 11Page - STMicroelectronics AN934 Datasheet HTML 12Page - STMicroelectronics AN934 Datasheet HTML 13Page - STMicroelectronics AN934 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Conclusion
AN934
12/14
Doc ID 6393 Rev 4
Conclusion
Software calibration is a convenient feature which allows the user to adjust the clock
accuracy during manufacturing (or later) at minimal cost. This feature also provides a
method whereby “drift” (due to temperature variation) can be corrected and/or anticipated.
See http://www.st.com for additional details as well as an online calibration calculation
tool.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14