データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN1012 データシート(PDF) 12 Page - STMicroelectronics

部品番号 AN1012
部品情報  Predicting the battery life and data
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1012 データシート(HTML) 12 Page - STMicroelectronics

Back Button AN1012 Datasheet HTML 8Page - STMicroelectronics AN1012 Datasheet HTML 9Page - STMicroelectronics AN1012 Datasheet HTML 10Page - STMicroelectronics AN1012 Datasheet HTML 11Page - STMicroelectronics AN1012 Datasheet HTML 12Page - STMicroelectronics AN1012 Datasheet HTML 13Page - STMicroelectronics AN1012 Datasheet HTML 14Page - STMicroelectronics AN1012 Datasheet HTML 15Page - STMicroelectronics AN1012 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
TIMEKEEPER products
AN1012
12/33
Doc ID 6395 Rev 4
5
TIMEKEEPER products
TIMEKEEPER® products are very similar in construction and operation to ZEROPOWER®
products. However, they must be evaluated separately. The current drawn is highly
dependent not only on the temperature, but also on whether the oscillator is active. The
main components of TIMEKEEPER devices are (see Figure 5):
●
a CMOS RAM array;
●
voltage sense and switching circuitry;
●
an analog oscillator and clock chain;
●
a lithium power cell; and
●
a high-accuracy quartz crystal.
Figure 5.
Block diagram of a TIMEKEEPER® device
AI01383D
LITHIUM
CELL
OSCILLATOR AND
CLOCK CHAIN
VPFD
RST
VCC
VSS
32,768 Hz
CRYSTAL
VOLTAGE SENSE
AND
SWITCHING
CIRCUITRY
16 x 8 BiPORT
SRAM ARRAY
8176 x 8
SRAM ARRAY
A0-A12
DQ0-DQ7
E
W
G
POWER
IRQ/FT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33