| データシートサーチシステム |
|
AN1019 データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1019 データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 4 page ![]() Overview AN1019 1 Overview The SNAPHAT ® assembly process is fully automated and consistently produces a highly reliable product in volume. This automated equipment takes advantage of microcomputer controlled robotics to obtain the reproducible accuracy required to pick, place, weld and encapsulate both battery and crystal in the SNAPHAT ® package. However, although we are proud to be the industry’s sole source of this technology, we recognize that many customers will be unable to take advantage of it unless we can also provide a path to a second source. Thus, a recommended dual footprint has been designed, and is shown in Figure 2: "Dual footprint for the Maxim Integrated hybrid device and the ST ZEROPOWER ® or TIMEKEEPER SNAPHAT® device" . This suggested board layout uses a Maximum Integrated hybrid surface mount device in order to provide an alternative for the M48T58/Y, M48T59, M48T35/Y, or M48T35AV. Traces have been laid out on a single level with a minimum width and space of 6 mils. Figure 2: Dual footprint for the Maxim Integrated hybrid device and the ST ZEROPOWER ® or TIMEKEEPER SNAPHAT ® device 2/4 DocID006394 Rev 2 VCC AI02518 W G E DQ7 DQ6 DQ5 DQ4 DQ3 DQ2 DQ1 DQ0 VSS A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 A13 A14 HYBRID SURFACE MOUNT SOLUTION SNAPHAT SOLUTION |