データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2299 データシート(PDF) 23 Page - STMicroelectronics

部品番号 AN2299
部品情報  Fast digital calibration procedure
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2299 データシート(HTML) 23 Page - STMicroelectronics

Back Button AN2299 Datasheet HTML 18Page - STMicroelectronics AN2299 Datasheet HTML 19Page - STMicroelectronics AN2299 Datasheet HTML 20Page - STMicroelectronics AN2299 Datasheet HTML 21Page - STMicroelectronics AN2299 Datasheet HTML 22Page - STMicroelectronics AN2299 Datasheet HTML 23Page - STMicroelectronics AN2299 Datasheet HTML 24Page - STMicroelectronics AN2299 Datasheet HTML 25Page - STMicroelectronics AN2299 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
AN2299
Temperature calibration
Rev2
23/26
parameters. For this reason measured power will be proportional to the product of voltage
and current calibrators, that will be defined as a "power calibrator" Kp:
The minimum value of this new calibrator Kp is obtained with the minimum value of both
calibrators Kv and Ki, and its maximum value from the maximum value of Kv and Ki:
In this way a power correction parameter related to Kv and Ki has been deduced.
This parameter has a correction dynamic greater than Kv and Ki. This this means that
greater tolerances can be compensated, but in a single calibration point. In fact, with power
calibration linearity cannot be guaranteed if calibration is performed in a single point,
because power is calibrated, not voltage and current for which STPM01 has a great
linearity. To find out Kv and Ki that compensate power in a certain range, it could be useful
to perform the below procedure twice.
As done for Kv and Ki, to have the greatest correction dynamic, at the beginning of
calibration procedure, Kp should be put in the middle of this interval:
Calibrators‘ value
Kp = 0.78125
–Kv = Ki =
Kp = 0,88
Ci = Cv = 137
and since LED pin frequency f is proportional to measured power P, it is possible to write an
equation analogous to Eq. 9 and Eq. 10 for the frequency:
where fA is the measured frequency of the LED pin and XF is the target frequency
calculated in Eq. 11.
b. Algorithm choice
This step is equivalent to that already explained for fast digital calibration procedure.
c. Offline parameters calculations
This step is equivalent to that already explained for fast digital calibration procedure.
d. Online Procedure
As done for fast digital calibration, before starting the online procedure it is necessary to
verify that the equipment is properly configured and connected.
PV
IKv
Ki
Kp
=
Eq. 35
Kv
Ki
Kp
==
Eq. 36
0.5625
Kv
MIN
Ki
MIN
Kv
MAX
Ki
MAX
1
=
<
=
Eq. 37
X
F
Kp
f
A
0.78125
---------------------
=
Eq. 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26