| データシートサーチシステム |
|
AN2799 データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2799 データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 14 page ![]() AN2799 File organization 3/14 1 File organization The following table presents the firmware modules. 2 Hardware The solution is based on the STM32F103xx in the LQFP64 package with 128 kB of Flash and 20 kB of SRAM for demonstration purposes, but it can be easily ported on the smaller STM32F101xx microcontroller family based on the same ARM Cortex™-M3 CPU as well. The device used to measure the phase AC current is the STPM01 with a current transformer. Table 1. Firmware modules File Description PowerMeterHal.h PowerMeterHalTypes.h Definitions of power meter hardware abstraction layer types and function prototypes. PowerMeterObj.h PowerMeterTypes.h Definitions of power meter abstract objects and types. PowerMeterHal.c PowerMeterObj.c Power meter hardware abstraction layer and abstract object implementation Meterlayer.h Definitions of application interface types and function prototypes Meter.c MeterHal.c Application interface and hardware abstraction layer implementation ExampleApp.c Library usage example |