データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3203 データシート(PDF) 13 Page - STMicroelectronics

部品番号 AN3203
部品情報  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 データシート(HTML) 13 Page - STMicroelectronics

Back Button AN3203 Datasheet HTML 9Page - STMicroelectronics AN3203 Datasheet HTML 10Page - STMicroelectronics AN3203 Datasheet HTML 11Page - STMicroelectronics AN3203 Datasheet HTML 12Page - STMicroelectronics AN3203 Datasheet HTML 13Page - STMicroelectronics AN3203 Datasheet HTML 14Page - STMicroelectronics AN3203 Datasheet HTML 15Page - STMicroelectronics AN3203 Datasheet HTML 16Page - STMicroelectronics AN3203 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
AN3203
Asymmetrical half bridge operation
Doc ID 17402 Rev 2
13/49
The signal HVG is the sum of the half bridge node (FGND pin of L6591) and the high side
gate driver voltages. This peculiarity allows both waveforms and the ZVS operation for the
high side MOSFET to be checked. The driver activation is visible on the HVG signal when
there is a small voltage step on the high part of the waveform.
Figure 7.
AHB zero voltage switching detail @ full load
Ch1: LVG pin voltage (yellow)
Ch3: HVG pin voltage (purple)
Ch4: Primary winding current (green)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49