| データシートサーチシステム |
|
AN3254 データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3254 データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 24 page ![]() AN3254 Converting readings into measured values Doc ID 17783 Rev 1 21/24 From these values the following scaling parameters are calculated for Rogowski Coil sensor: Kf = frequency / 50 Kdspu = 1 Kdspi = Kf and for CT or Shunt current sensors: Kdspu = Kdif * Kint Kdspi = Kdif The uN RMS value (12 bits in DEN register) conversion formula is: u = x_u * 2 / len_u For the sum of RMS currents sI RMS (12 bits in DMN register) the value is obtained as follows: si = x_i * Vref/(Ks * Kisum * Ai * len_isum * Kint * Kint_comp * Kdspi) For the data from the momentary registers, as the related momentary voltage and current parameters are signed (they can be positive or negative), it is necessary to evaluate the sign with the following task. This does not apply to the RMS values: if (x_i & (len_i>>1)) // positive current x_i = x_i & ((len_i>>1)-1); else // negative current { x_i = (len_i>>1) - x_i; x_i = x_i * (-1); } if (x_u & (len_u>>1)) // positive voltage x_u = x_u & ((len_u>>1)-1); else // negative voltage { x_u = (len_u>>1) - x_u; x_u = x_u * (-1); } Both RMS and momentary current and voltage conversion formulas then are: u = (1+R1/R2)* x_u * Vref /(Kut * Ku * Au * len_u * kint_comp* Kdspu) i = x_i * Vref/(Ks * Ki * Ai * len_i * Kint * Kint_comp * Kdspi) |