データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3349 データシート(PDF) 11 Page - STMicroelectronics

部品番号 AN3349
部品情報  eTPU assembly converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3349 データシート(HTML) 11 Page - STMicroelectronics

Back Button AN3349 Datasheet HTML 5Page - STMicroelectronics AN3349 Datasheet HTML 6Page - STMicroelectronics AN3349 Datasheet HTML 7Page - STMicroelectronics AN3349 Datasheet HTML 8Page - STMicroelectronics AN3349 Datasheet HTML 9Page - STMicroelectronics AN3349 Datasheet HTML 10Page - STMicroelectronics AN3349 Datasheet HTML 11Page - STMicroelectronics AN3349 Datasheet HTML 12Page - STMicroelectronics AN3349 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AN3349
Limitations
Doc ID 018511 Rev 2
11/13
5.6
Parallel instructions
The converter supports parallel instructions. However, there are certain rare parallel
instructions which are supported in Byte Craft but not in the eTPU compiler assembler. The
Byte Craft compiler supports jmp and end sub-instruction as part of the same parallel
instruction, but the eTPU compiler doesn't support such a combination since both jmp and
end
change the program flow. If the original code contains such an instruction it will be
converted without any errors, but the assembler will report an error when the converted
instruction is assembled.
5.7
Warnings
5.7.1
ld/ldm
When loading variables which are allocated on the channel the ldm operator should be
used, and when loading global variables the ld operator should be used. The converter
does not distinguish between those variable and therefore always uses the ldm operator
when converting instructions which load C variables. In such cases the following warning is
printed: "Instruction has been converted by default to ldm but might be
ld depending on the label's value
".
5.7.2
Hex directives
The converter supports hex directives which begin with %hex in Byte Craft, and are
converted to .word directives in eTPU compiler assembly. However, a warning is still
printed when these directives appear because the converter doesn't analyze their meaning.
Since there is usually a reason that the original instructions appear in hex instead of Byte
Craft assembly, it is recommended to review the converted directive and possibly rewrite the
instruction in eTPU compiler assembly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13