データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3383 データシート(PDF) 24 Page - STMicroelectronics

部品番号 AN3383
部品情報  The purpose of this application note is to describe:
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3383 データシート(HTML) 24 Page - STMicroelectronics

Back Button AN3383 Datasheet HTML 20Page - STMicroelectronics AN3383 Datasheet HTML 21Page - STMicroelectronics AN3383 Datasheet HTML 22Page - STMicroelectronics AN3383 Datasheet HTML 23Page - STMicroelectronics AN3383 Datasheet HTML 24Page - STMicroelectronics AN3383 Datasheet HTML 25Page - STMicroelectronics AN3383 Datasheet HTML 26Page - STMicroelectronics AN3383 Datasheet HTML 27Page - STMicroelectronics AN3383 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Design guidelines for schematic and PCB layout
AN3383
24/29
Doc ID 018691 Rev 1
Figure 36.
Snubber filter for spike high frequency in PWM
Figure 37.
Correct common-mode and differential snubber placement
A strong spike could occur if the snubber network is far from the pins and could possibly
damage the IC. It is recommended that the distance between snubber network and the pins
be within 3 mm, which takes into consideration the diameter of the copper wire.
Place snubber circuit for spikes in
PWM as close as possible to the
IC pins and close to the minus and
plus of each channel.
AM045265v1
AM045266v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29