| データシートサーチシステム |
|
AN3984 データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3984 データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 46 page ![]() AN3984 Overview Doc ID 022240 Rev 1 5/46 1 Overview The transfer function for a first-order filter in the digital z-domain is: Equation 1 For a second-order filter (a biquad) the transfer function is: Equation 2 This equation can be modified normalizing the a0 coefficient; the new equation is: Equation 3 The most straightforward implementation form using Equation 3 is: Equation 4 1 1 0 1 1 0 z a a z b b ) z ( H − − ⋅ + ⋅ + = 2 2 1 1 0 2 2 1 1 0 ) ( − − − − ⋅ + ⋅ + ⋅ + ⋅ + = z a z a a z b z b b z H () () () () () 2 0 2 1 0 1 2 0 2 1 0 1 0 0 1 ) ( − − − − ⋅ + ⋅ + ⋅ + ⋅ + = z a a z a a z a b z a b a b z H () () () () () ] 2 n [ y a a ] 1 n [ y a a ] 2 n [ x a b ] 1 n [ x a b ] n [ x a b ] n [ y 0 2 0 1 0 2 0 1 0 0 − ⋅ − − ⋅ − − ⋅ + − ⋅ + ⋅ = |