データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4146 データシート(PDF) 21 Page - STMicroelectronics

部品番号 AN4146
部品情報  STSmartVoice demonstration board STEVAL-MKI126Vx
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4146 データシート(HTML) 21 Page - STMicroelectronics

Back Button AN4146 Datasheet HTML 17Page - STMicroelectronics AN4146 Datasheet HTML 18Page - STMicroelectronics AN4146 Datasheet HTML 19Page - STMicroelectronics AN4146 Datasheet HTML 20Page - STMicroelectronics AN4146 Datasheet HTML 21Page - STMicroelectronics AN4146 Datasheet HTML 22Page - STMicroelectronics AN4146 Datasheet HTML 23Page - STMicroelectronics AN4146 Datasheet HTML 24Page - STMicroelectronics AN4146 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
DocID023502 Rev 2
21/30
AN4146
Software settings
The selection of the kit as a "Multi-microphone interface" also lets the user access the
dedicated panel given in the figure below.
Figure 17. Multi-microphone interface panel
The user can route the signal of the desired microphone on the output interfaces (I2S or HP
out) using the mapping drop-down menus on the right side of the panel. These menus act
on the pre-mixer of the respective channel. In the default configuration of the I2S output data
1 and 2 (SDO12), the pre-mixer of channel 1 takes 100% of PDMIN_1 (MIC1) and channel
2 takes 100% of PDMIN_2 (MIC2). The user can also directly edit the mixer values at will.
The post-mixer works in the same way, but takes a percentage of the outcome of the
processing block.
As an example, the figure below shows the layout of the pre- and post-mixer of channel1.
Figure 18. Pre- and post-mixer of channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30