データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4240 データシート(PDF) 21 Page - STMicroelectronics

部品番号 AN4240
部品情報  This application note provides an easy introduction to the usage
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4240 データシート(HTML) 21 Page - STMicroelectronics

Back Button AN4240 Datasheet HTML 17Page - STMicroelectronics AN4240 Datasheet HTML 18Page - STMicroelectronics AN4240 Datasheet HTML 19Page - STMicroelectronics AN4240 Datasheet HTML 20Page - STMicroelectronics AN4240 Datasheet HTML 21Page - STMicroelectronics AN4240 Datasheet HTML 22Page - STMicroelectronics AN4240 Datasheet HTML 23Page - STMicroelectronics AN4240 Datasheet HTML 24Page - STMicroelectronics AN4240 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Doc ID024209 Rev 2
21/30
AN4240
Application demo results
6
Application demo results
To better understand the differences between the two cipher modes the following figures will
show an ECB encryption and a CBC encryption starting from the same image:
Figure 16. Demo Starting point
Figure 16 shows that the ECB encryption should not be suggested for encryption of
message with a low variance because, for the same nature of the algorithm, identical
plaintext blocks of messages are encrypted into identical ciphertext blocks. This does not
hide the data pattern well. In some sense it does not provide a high level of confidentiality
and security.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30